PART |
Description |
Maker |
MA600AABC006 |
MA600 Spartan Screw-mount 3in1 Combination Antenna
|
Taoglas antenna solutio...
|
MA650AAB002 |
Spartan Antenna 2in1 MA.650 with 10M cable length Low Profile Screw-Mount
|
List of Unclassifed Man...
|
XC17S200APD8C XC17S200APD8I XC17S200ASO20C XC17S20 |
Spartan-II/Spartan-IIE Family SPARTAN-II/SPARTAN-IIE FAMILY OTP CONFIGURATION PROMS
|
XILINX[Xilinx, Inc]
|
Z86L8108PSC Z86L8908PSC Z86L8708FSC |
CONN JACKSOCKET M2.5/M2 13.5MM SCREW MOUNT KIT .62 X .35 Jack Screw; Screw Length:18mm; Leaded Process Compatible:No; Material:Stainless Steel; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PQFP44
|
ZiLOG, Inc.
|
XC2S100-5TQ144I XC2S150-5FG456C XC2S50 XC2S15-5VQ1 |
Streamlined features based on Virtex architecture Spartan-II 2.5V field programmable gate array. SPARTAN-II 2.5V FPGA FAMILY:INTRODUCTION AND ORDERING INFORMATION
|
XILINX[Xilinx, Inc]
|
SG213 |
Single-sided Screw-mount
|
KODENSHI KOREA CORP.
|
CD137PX |
EC Screw 85∑C Long Lifetime 10.000h Highest Voltage at Compact Size(Screw)
|
JIANGHAI[Jianghai Europe GmbH]
|
0164-H-ABC0-D-E 0164 |
IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
|
Schurter Inc.
|
MA510CCG005 |
Heavy Duty Screw Mount Antenna
|
Taoglas antenna solutio...
|
GB164AHGABMLA-V01 GB164AHYBAMUA-V01 GB164AHYBANLB- |
FUSE,RESETTABLE,9.00A-H, 18.00A-T,40A-M,30VDC CONN,F-RIGHT ANGLE, PC MOUNT,JACK(0.90"BARREL) SWITCH,SUBMIN TOG,SPDT,ON-0N R/A PCB MOUNT,48VAC/50mA,3 PIN CONNECTOR,BNC,FEMALE ,R/A PLASTIC INSULATION,PC MOUNT CONN,DSUB,.318",R/A,DB-9M, W/O JACK SCREW,TIN CONTACTS IC,EDE2008/P,PUSH BUTTON DEBOUNCER,DIP-18 RELAY,SOLID STATE,DC/AC IN:3-32VDC,OUT:24-240VAC PLIER,SQ.NOSE,4 3/4" w/CUTTER SERRATED JAW,SPRING LOADED,UNS 规格液晶模块 PROGRAMMER,UNIVERSAL, 48PIN ZIF, USB 2.0 INTERFACE 规格液晶模块 CONN,DSUB,.318",R/A,DB-9M, W/O JACK SCREW,TIN CONTACTS
|
Jewel Hill Electronic Co., Ltd.
|
0163-H-ABC0-D-E |
IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
|